|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet No. 2C2907A Chip Type 2C2907A Geometry 0600 Polarity PNP Generic Packaged Parts: 2N2905, 2N2905A, 2N2907, 2N2907A Chip type 2C2907A by Semicoa Semiconductors provides performance similar to these devices. Part Numbers: Product Summary: APPLICATIONS: Designed for general purpose switching and amplifier applications. Radiation graphs available 2N2905, 2N2905A, 2N2905AL, 2N2907, 2N2907A, 2N2907AUB, SD2907A, SD2907AF, SQ2907A, Features: SQ2907AF, 2N3486, 2N3486A, 2N6987, 2N6989 Mechanical Specifications Metallization Bonding Pad Size Die Thickness Chip Area Top Surface Top Backside Emitter Base Al - 18 kA min. Au - 6.5 kA nom. 4.0 mils x 4.0 mils 4.0 mils x 4.0 mils 8 mils nominal 20 mils x 20 mils Silox Passivated Electrical Characteristics TA = 25oC Parameter BVCEO BVCBO BVEBO ICBO Test conditions IC = 10 mA, IB = 0 IC = 10 A, IE = 0 IE = 10 A, IC = 0 VCB = 50 V, IE = 0 Min 60 60 5.0 --- Max ------10 Unit V dc V dc V dc nA hFE IC = 150 mA dc, VCE = 10 V 100 300 --Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less than 300 s, duty cycle less than 2%. |
Price & Availability of SD2907A |